Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 100Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 101Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 102Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 103Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 104Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 105Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 106Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 107Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 394 page
background image
104 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
104 • June 2011
COMPANY CONFIDENTIAL
3.4.11
WIN_RULE_CTRL5
Address 0x022C
SFT&HW RST
Table 3-71 summarizes the WIN_RULE_CTRL5 Register 5
Table 3-71.
Window Rule Control Register 5
3.4.12
WIN_RULE_CTRL6
Address 0x0230
SFT&HW RST
Table 3-72 summarizes the WIN_RULE_CTRL6 Register 6
9:5
R/W
0
L3_OFFSET_4
These bit indicate that window rule in port0 to
select offset of L3, from IP header.
4:0
R/W
0
L2_OFFSET_4
These bit indicate that window rule in port0 to
select offset of L2, from MAC DA.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:28
R/O
0
RESERVED
27:24
R/W
0
L4_LENGTH_5
These bit indicate that window rule in
port0 to select length of L4, from
L4_OFFSET_5.
23:20
R/W
0
L3_LENGTH_5
These bit indicate that window rule in
port0 to select length of L3, from
L3_OFFSET_5.
19:16
R/W
0
L2_LENGTH_5
These bit indicate that window rule in
port0 to select length of L2, from
L2_OFFSET_5.
15
R/W
0
RESERVED
14:10
R/W
0
L4_OFFSET_5
These bit indicate that window rule in
port0 to select offset of L3, from TCP/
UDP header.
9:5
R/W
0
L3_OFFSET_5
These bit indicate that window rule in
port0 to select offset of L3, from IP
header.
4:0
R/W
0
L2_OFFSET_5
These bit indicate that window rule in
port0 to select offset of L2, from MAC
DA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com