Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 103Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 104Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 105Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 106Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 107Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 108Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 109Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 110Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
107
Table 3-76.
Window Rule Control Register 10
3.4.17
WIN_RULE_CTRL11
Address 0x0244
SFT&HW RST
Table 3-77 summarizes the WIN_RULE_CTRL11 Register 11
Table 3-77.
Window Rule Control Register 11
3.4.18
WIN_RULE_CTRL12
Address 0x0248
SFT&HW RST
Table 3-78 summarizes the WIN_RULE_CTRL11 Register 12
Table 3-78.
Window Rule Control Register 12
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23:20
R/W
0
L3_LENGTH1_3
19:16
R/W
0
L2_LENGTH1_3
15:10
R/W
0
RESERVED
9:5
R/W
0
L3_OFFSET1_3
4:0
R/W
0
L2_OFFSET1_3
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23:20
R/W
0
L3_LENGTH1_4
19:16
R/W
0
L2_LENGTH1_4
15:10
R/W
0
RESERVED
9:5
R/W
0
L3_OFFSET1_4
4:0
R/W
0
L2_OFFSET1_4
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23:20
R/W
0
L3_LENGTH1_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com