Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 105Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 106Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 107Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 108Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 109Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 110Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 111Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 112Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
109
3.5 ACL REGISTER (Address Range: 0x0400 ~ 0x0454)
Table 3-81 summarizes the ACL registers.
3.5.1
ACL_FUNC0
Address 0x0400
SFT&HW RST
Table 3-82 summarizes the ACL_FUNC0 Register 0
Table 3-82.
ACL Function Register 0
3.5.2
ACL_FUNC1
Address 0x0404
Table 3-81.
ACL Register Summary
Name
Address
Reset
ACL FUNCTION REGISTER
0x0400~0x0414
HARD & SOFT
PRIVATE CONTROL REGISTER
0x0418
HARD & SOFT
PORT0 VLAN CONTROL REGISTER
0x0420~0x0424
HARD & SOFT
PORT1 VLAN CONTROL REGISTER
0x0428~0x042C
HARD & SOFT
PORT2 VLAN CONTROL REGISTER
0x0430~0x0434
HARD & SOFT
PORT3 VLAN CONTROL REGISTER
0x0438~0x043C
HARD & SOFT
PORT4 VLAN CONTROL REGISTER
0x0440~0x0444
HARD & SOFT
PORT5 VLAN CONTROL REGISTER
0x0448~0x044C
HARD & SOFT
PORT6 VLAN CONTROL REGISTER
0x0450~0x0454
HARD & SOFT
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
ACL_BUSY
DEPEND:ACL_DONE_INT, ACL table busy.
This bit must be set to 1'b1 to start a ACL
operation and cleared to zero after operation
done. If this bit is set to 1'b1, CPU can't request
another operation.
30:11
R/W
0
RESERVED
10
R/W
0
ACL_FUNC
1'b0: write, 1'b1:read
9:8
R/W
0
ACL_RULE_SEL
2'b00: rule;
2'b01: mask;
2'b10:result;
2'b11:RESERVED
ACL rule index
7
R/W
0
RESERVED
ACL rule index
6:0
R/W
0
ACL_FUNC_INDEX
ACL rule index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com