Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 318 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 318 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 314Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 315Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 316Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 317Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 318Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 319Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 320Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 321Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 322Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 394 page
background image
318 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
318 • June 2011
COMPANY CONFIDENTIAL
Table 3-318.
Port 6 Ingress Rate Limit Control Register 1
3.7.168 PORT6_ING_RATE_CTRL2
Address 0x0B68
SFT&HW RST
Table 3-319, “Port 6 Ingress Rate Limit Control Register 2,” on page 318 summerizes the
PORT6_ING_RATE_CTRL2 Register 2
Table 3-319.
Port 6 Ingress Rate Limit Control Register 2
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
'h18
RESERVED
23
R/W
0
ING_BORROW_EN_6
Borrow enable
22
R/W
0
ING_RATE_UNIT_6
1: Packets/ 0: bytes
21
R/W
0
ING_CF_6
Coupling flagfor ingress rate limit
20
R/W
0
ING_CM_6
Color mode for ingress rate limit
19:18
R/W
2'b01
ING_RATE_E_TIME_SLOT_6
Excess Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
17:15
R/W
0
ING_EBS_6
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ING_EIR_6
Excess Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31:16
R/O
0
RESERVED
15
R/W
0
ING_C_MULTI_RATE_EN_6
Ingress committed rate limit enable to
count the multicast frames
14
R/W
0
ING_C_UNI_RATE_EN_6
Ingress committed rate limit enable to
count the unicast frames
13
R/W
0
ING_C_UNK_MULTI_RATE_EN_
6
Ingress committed rate limit enable to
count the unknown multicast frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com