Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 321 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 321 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 317Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 318Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 319Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 320Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 321Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 322Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 323Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 324Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 325Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
321
3.8 PKT EDIT REGISTER(Address Range 0x0C00 ~ 0x0C64)
Table 3-321 summarizes the Packet Editor
registers.
3.8.1
PKT_EDIT_CTRL
Address 0x0C00
SFT&HW RST
Table 3-322, “PKT Edit Control Register PORT0_QUEUE_REMAP_REG0,” on page 321 summerizes
the PKT_EDIT_CTRL Register
Table 3-322.
PKT Edit Control Register PORT0_QUEUE_REMAP_REG0
Table 3-321.
Packet Editor Register Summary
Name
Address
Reset
PKT EDIT CONTROL REGISTER
0x0C00
HARD & SOFT
PORT0 QUEUE REMAP REGISTER
0x0C40~0x0C44
HARD & SOFT
PORT1 QUEUE REMAP REGISTER
0x0C48
HARD & SOFT
PORT2 QUEUE REMAP REGISTER
0x0C4C
HARD & SOFT
PORT3 QUEUE REMAP REGISTER
0x0C50
HARD & SOFT
PORT4 QUEUE REMAP REGISTER
0x0C54
HARD & SOFT
PORT5 QUEUE REMAP REGISTER
0x0C58~0x0C5C
HARD & SOFT
PORT6 QUEUE REMAP REGISTER
0x0C60~0x0C64
HARD & SOFT
Bit
R/W
Inital
Value
Mnemonic
Description
31:27
R/O
0
RESERVED
26
R/W
0
VLAN_PRI_REMAP_EN_6
1'b1: frame send out from port6, should
remap priority based on frame priority.
25
R/W
0
VLAN_PRI_REMAP_EN_5
1'b1: frame send out from port5, should
remap priority based on frame priority.
24
R/W
0
VLAN_PRI_REMAP_EN_4
1'b1: frame send out from port4, should
remap priority based on frame priority.
23
R/W
0
VLAN_PRI_REMAP_EN_3
1'b1: frame send out from port3, should
remap priority based on frame priority.
22
R/W
0
VLAN_PRI_REMAP_EN_2
1'b1: frame send out from port2, should
remap priority based on frame priority.
21
R/W
0
VLAN_PRI_REMAP_EN_1
1'b1: frame send out from port1, should
remap priority based on frame priority.
20
R/W
0
VLAN_PRI_REMAP_EN_0
1'b1: frame send out from port0, should
remap priority based on frame priority.
19:12
R/W
0
IP_TTL
11
R/W
0
IP_TTL_CHANGE_EN
1'b1: frame TTL change to IP_TTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com