Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 371 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 371 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 367Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 368Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 369Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 370Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 371Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 372Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 373Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 374Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 375Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
371
3.10.28 Debug Register—Hib Control and
Auto Negotiation Test Register
Address Offset: 0x0B
Table 3-393.
Hib Control and Auto Negotiation Test Register
Bit
Symbol
Type
Description
15
PS_HIB_EN
Mode
R/W
Power hibernation control bit
1 = hibernation enable
0 = hibernation disable
HW Rst
1
SW Rst
Retain
14
WAKE_MODE
Mode
R/W
1 = PHY wakes up by energy detect or wake-up pin
0 = PHY wakes up only by energy detect
HW Rst
0
SW Rst
Retain
13
EN_ANY_CHANG
E
Mode
R/W
1 = Turn on/off analog end at the same time
0 = Turn on/off analog end step by step
HW Rst
1
SW Rst
Retain
12
HIB_PULSE_SW
Mode
R/W
1 = PHY sends NLP pulse and detects signal from
cables at hibernation state
0 = PHY does not send NLP pulse but detects signal
from cables at hibernation state
HW Rst
1
SW Rst
Retain
11
GATE_25M_EN_S
W
Mode
R/W
Always 1.
1 = Shut down the 25 MHz clock of auto negotiation
at hibernation state
0 = The 25 MHz clock of auto negotiation is not
controlled by hibernation
HW Rst
1
SW Rst
1
10
SEL_RST_80U
Mode
R/W
Duration of the reset triggered by speed mode change
1 = 80/120/160/240 µs (see bit 9:8 of this register)
0 = 240 µs
HW Rst
1
SW Rst
Retain
9:8
SEL_RST_TIMER
Mode
R/W
Duration configuration for reset timer
00 = 80 µs
01 = 120 µs
10 = 160 µs
11 = 240 µs
HW Rst
00
SW Rst
Retain
7
RESERVED
Mode
RO
Always 0
HW Rst
0
SW Rst
0
6:5
GTX_DLY_VAL
Mode
R/W
GTx clock delay select
HW Rst
10
SW Rst
Retain
4
BYPASS_BREAK_LI
NK_TIMER
Mode
R/W
1 = BREAL_LINK timer is bypassed when auto
negotiation is restarted, thus auto negotiation state
stays at TRANSMIT_DISABLE for one cycle (40 ns)
0 = Auto negotiation state stays at
TRANSMIT_DISABLE for about 1.2 second when
auto negotiation is restarted
HW Rst
0
SW Rst
Retain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com