Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 374 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 374 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 370Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 371Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 372Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 373Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 374Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 375Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 376Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 377Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 378Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 394 page
background image
374 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
374 • June 2011
COMPANY CONFIDENTIAL
3.11 MMD3 — PCS Register
3.11.1
PCS Control1
Address Offset: 0x00, or 0d00
Device Address = 3
Table 3-396, “PCS Control1,” on page 374 summarizes the Register
Table 3-396.
PCS Control1
3.11.2
PCS Status1
Address Offset: 0x01, or 0d01
Device Address = 3
Table 3-396, “PCS Control1,” on page 374 summarizes the Register
5:0
RESERVED
Mode
R/W
HW Rst
6’h20
SW Rst
Retain
Table 3-395.
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15
Pcs_rst
Mode
R/W
Reset bit, self clear.
When write this bit 1 :
1, reset the registers(not vender
specific) in MMD3/MMD7.
2, cause software reset in mii register0
bit15.
HW Rst
0
SW Rst
0
14:11
Reserved
Mode
R/O
Always 0
HW Rst
0
SW Rst
0
10
Clock_stoppable
Mode
R/W
Not Implemented
HW Rst
1
SW Rst
Retain
9:0
Reserved
Mode
R/W
Always 0
HW Rst
1
SW Rst
Retain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com