Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 376 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 376 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 372Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 373Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 374Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 375Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 376Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 377Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 378Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 379Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 380Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 394 page
background image
376 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
376 • June 2011
COMPANY CONFIDENTIAL
3.12 EEE Capability Register
Address Offset: 0x014, or 0d020
Device Address = 3
Table 3-398, “EEE Capability Register,” on page 376 summarizes the Register
Table 3-398.
EEE Capability Register
3.12.1
EEE Wake Error Counter
Address Offset: 0x016, or 0d022
Device Address = 3
Table 3-399 summarizes the Register
Table 3-399.
EEE Wake Error Counter
Bit
Symbol
Type
Description
15:3
Reserved
Mode
R/O
Always 0.
HW Rst
0
SW Rst
0
2
1000BT EEE
Mode
R/O
EEE is supported for 1000Base-T.
HW Rst
1
SW Rst
1
1
100BT EEE
Mode
R/O
EEE is supported for 100Base-T.
HW Rst
1
SW Rst
1
0
Reserved
Mode
R/W
Always 0.
HW Rst
0
SW Rst
0
Bit
Symbol
Type
Description
15:0
EEE wake error counter
Mode
R/O
Count wake time faults where the PHY
fails to complete its normal wake
sequence within the time required for
the specific PHY type.
This counter is clear after read, and
hold at all ones in the case of overflow.
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com