Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 198 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 198 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 194Page - SMSC Corporation LPC47M14X Datasheet HTML 195Page - SMSC Corporation LPC47M14X Datasheet HTML 196Page - SMSC Corporation LPC47M14X Datasheet HTML 197Page - SMSC Corporation LPC47M14X Datasheet HTML 198Page - SMSC Corporation LPC47M14X Datasheet HTML 199Page - SMSC Corporation LPC47M14X Datasheet HTML 200Page - SMSC Corporation LPC47M14X Datasheet HTML 201Page - SMSC Corporation LPC47M14X Datasheet HTML 202Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 205 page
background image
SMSC DS – LPC47M14X
Page 198
Rev. 03/19/2001
KCLK/
MCLK
KDAT/
MDAT
Start Bit
Bit 0
Bit 7
CLK
1
CLK
2
CLK
9
CLK
10
t1
t6
t4
t3
CLK
11
t5
Parity Bit Stop Bit
t2
FIGURE 43 – KEYBOARD/MOUSE RECEIVE/SEND DATA TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Time from DATA transition to falling edge of CLOCK
(Receive)
5
25
µsec
t2
Time from rising edge of CLOCK to DATA transition
(Receive)
5
T4-5
µsec
t3
Duration of CLOCK inactive (Receive/Send)
30
50
µsec
t4
Duration of CLOCK active (Receive/Send)
30
50
µsec
t5
Time to keyboard inhibit after clock 11 to ensure the
keyboard does not start another transmission (Receive)
>0
50
µsec
t6
Time from inactive to active CLOCK transition, used to
time when the auxiliary device samples DATA (Send)
5
25
µsec
Data
Data
t1
Data
MIDI_Tx
Idle (No Data)
Idle (No Data)
Stop Bit
Start Bit
FIGURE 44 – MIDI DATA BYTE
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
MIDI Data Bit Time
31.7
32
32.3
µsec
Note: The MIDI bit clock is 31.25kHz +/- 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com