Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 202 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 202 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 197Page - SMSC Corporation LPC47M14X Datasheet HTML 198Page - SMSC Corporation LPC47M14X Datasheet HTML 199Page - SMSC Corporation LPC47M14X Datasheet HTML 200Page - SMSC Corporation LPC47M14X Datasheet HTML 201Page - SMSC Corporation LPC47M14X Datasheet HTML 202Page - SMSC Corporation LPC47M14X Datasheet HTML 203Page - SMSC Corporation LPC47M14X Datasheet HTML 204Page - SMSC Corporation LPC47M14X Datasheet HTML 205Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 202 / 205 page
background image
SMSC DS – LPC47M14X
Page 202
Rev. 03/19/2001
Introduction
The LPC47M14x provides board test capability through the XNOR chain. When the chip is in the XNOR chain test
mode, setting the state of any of the input pins to the opposite of its current state will cause the output of the chain to
toggle.
All pins on the chip are inputs to the XNOR chain, with the exception of the following:
1)
VCC (pins 53, 65, 93, & 125), VTR (pins 18, 113, & 122), and VREF (pin 44).
2)
VSS (pins 7, 31, 60, 76, 101, 102, & 128) and AVSS (pin 40).
3)
TXD1 (pin 85) This is the chain output.
4)
nPCI_RESET (pin 26).
5)
OCLK (pin 124)
To put the chip in the XNOR chain test mode, tie LAD0 (pin 20) and LFRAME# (pin 24) low. Then toggle
PCI_RESET# (pin 26) from a low to a high state. Once the chip is put into XNOR chain test mode, LAD0 (pin 20) and
LFRAME# (pin 24) become part of the chain.
To exit the XNOR chain test mode tie LAD0 (pin 20) or LFRAME# (pin 24) high. Then toggle PCI_RESET# (pin 26)
from a low to a high state. A VCC POR will also cause the XNOR chain test mode to be exited. To verify the test
mode has been exited, observe the output at TXD1 (pin 85). Toggling any of the input pins should not cause its state
to change.
Setup
Warning: Ensure power supply is off during setup.
1)
Connect VSS (pins 7, 31, 60, 76, 101, 102, & 128) and AVSS (pin 40) to ground.
2)
Connect VCC (pins 53, 65, 93, & 125), VTR (pins 18, 113, & 122), and VREF (pin 44)to VCC (3.3V).
3)
Connect an oscilloscope or voltmeter to TXD1 (pin 85).
4)
All other pins should be tied to ground.
Testing
1)
Turn power on.
2)
With LAD0 (pin 20) and LFRAME# (pin 24), low, bring PCI_RESET# (pin 26) high. The chip is now in XNOR
chain test mode. At this point, all inputs to the XNOR chain are low. The output, on TXD1 (pin 85), should
also be low. Refer to INITIAL CONFIG on Truth Table 1.
3)
Bring pin 127 high. The output on TXD1 (pin 85) should go high. Refer to STEP ONE on Truth Table 1.
4)
In descending pin order, bring each input high. The output should switch states each time an input is toggled.
Continue until all inputs are high. The output on TXD1 should now be low. Refer to END CONFIG on Truth
Table 1.
5)
The current state of the chip is now represented by INITIAL CONFIG in Truth Table 2.
6)
Each input should now be brought low, starting at pin one and continuing in ascending order. Continue until
all inputs are low. The output on TXD1 should now be low. Refer to Truth Table 2.
7)
To exit test mode, tie LAD0 (pin 20) OR LFRAME# (pin 24) high, and toggle PCI_RESET# from a low to a
high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com