Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 205 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 205 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 197Page - SMSC Corporation LPC47M14X Datasheet HTML 198Page - SMSC Corporation LPC47M14X Datasheet HTML 199Page - SMSC Corporation LPC47M14X Datasheet HTML 200Page - SMSC Corporation LPC47M14X Datasheet HTML 201Page - SMSC Corporation LPC47M14X Datasheet HTML 202Page - SMSC Corporation LPC47M14X Datasheet HTML 203Page - SMSC Corporation LPC47M14X Datasheet HTML 204Page - SMSC Corporation LPC47M14X Datasheet HTML 205Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 205 / 205 page
background image
SMSC DS – LPC47M14X
Page 205
Rev. 03/19/2001
14 LPC47M14X REVISIONS
PAGE(S)
SECTION/FIGURE/ENTRY
CORRECTION
DATE
REVISED
1
Features
See italicized text
03/19/01
3
General Description
See italicized text
03/19/01
10
DESCRIPTION OF PIN FUNCTIONS
Changes to Note 4 (see
italicized text)
03/19/01
21
Field Definitions
See italicized text
03/19/01
22
I/O Read and Write Cycles, DMA Read and
Write Cycles, CLOCKRUN Protocol, LPCPD
Protocol, SYNC Protocol
See the “Low Pin Count
(LPC) Interface
Specification” Revision
1.0 (See italicized text)
03/19/01
23
I/O Transfers
See italicized text
03/19/01
34
Bit 5 Non-DMA
Reserved, read ‘0’.
This part does not
support non-DMA
mode.
03/19/01
40
Non-DMA Mode - Transfers from the FIFO to
the Host, Non-DMA Mode - Transfers from the
Host to the FIFO
This part does not
support non-DMA
mode.
03/19/01
41
Table 17
–
Description of Command
Symbols
Non-DMA Mode Flag -
Write ‘0’. This part does
not support non-DMA
mode.
03/19/01
94
POWER MANAGEMENT
Note added (see
italicized text)
03/19/01
113
Note 5 under table
(see italicized text)
03/19/01
119
Fan Tachometer Inputs, second paragraph
under fan count equation
The divisor for each fan
is programmable via
the Fan Control
Register, which is
located in the Runtime
Register block at offset
0xFA.
03/19/01
125
Table 58
–
Runtime Register Block
Summary
Changes to Note 5 (see
italicized text)
03/19/01
127
Table 59 – PME, SMI, GPIO, FAN Register
Description
Changes to Note 6 (see
italicized text)
03/19/01
156
Table 62 – Chip Level Registers
0x22 R/W Address - 0:
Power Off or Disabled
1: Power On or
Enabled
0x23 R/W Address -
(see Note in the “FDC
Power Management”
section.)
03/19/01
168
Table 72 – KYBD, Logical Device 7 [Logical
Device Number = 0x07]
KRST_GA20 - Bits[6:5]
reset on VTR POR only
03/19/01
172
DC Electrical Characteristics
Values added to:
VCC Supply Current
Active, VTR Supply
Current Active and VREF
Supply Current Active
03/19/01
200
PACKAGE OUTLINE
Note added (see
italicized text)
03/19/01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com