Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 200 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 200 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 196Page - SMSC Corporation LPC47M14X Datasheet HTML 197Page - SMSC Corporation LPC47M14X Datasheet HTML 198Page - SMSC Corporation LPC47M14X Datasheet HTML 199Page - SMSC Corporation LPC47M14X Datasheet HTML 200Page - SMSC Corporation LPC47M14X Datasheet HTML 201Page - SMSC Corporation LPC47M14X Datasheet HTML 202Page - SMSC Corporation LPC47M14X Datasheet HTML 203Page - SMSC Corporation LPC47M14X Datasheet HTML 204Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 205 page
background image
SMSC DS – LPC47M14X
Page 200
Rev. 03/19/2001
11 PACKAGE OUTLINE
Note: The following package information is preliminary. Contact SMSC for the latest information.
FIGURE 48 – 128 PIN QFP PACKAGE OUTLINE
MIN
NOMINAL
MAX
REMARKS
A
~
~
3.4
Overall Package Height
A1
0.05
~
0.5
Standoff
A2
2.55
~
3.05
Body Thickness
D
23.70
23.90
24.10
X Span
D/2
11.85
11.95
12.05
1/2 X Span Measured from Centerline
D1
19.90
20.0
20.10
X body Size
E
17.70
17.90
18.10
Y Span
E/2
8.85
8.95
9.05
1/2 Y Span Measured from Centerline
E1
13.90
14.00
14.10
Y body Size
H
~
~
~
Lead Frame Thickness
L
0.73
0.88
1.03
Lead Foot Length
L1
~
1.95
~
Lead Length
e
0.5 Basic
Lead Pitch
0
o
~
7
o
Lead Foot Angle
W
0.10
~
0.30
Lead Width
R1
0.13
~
~
Lead Shoulder Radius
R2
0.13
~
0.30
Lead Foot Radius
ccc
~
~
0.0762
Coplanarity (Assemblers)
ccc
~
~
0.08
Coplanarity (Test House)
Notes:
1 Controlling Unit: millimeter
2 Tolerance on the position of the leads is + 0.04 mm maximum.
3 Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm.
4 Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5 Details of pin 1 identifier are optional but must be located within the zone indicated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com