Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 201 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 201 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 197Page - SMSC Corporation LPC47M14X Datasheet HTML 198Page - SMSC Corporation LPC47M14X Datasheet HTML 199Page - SMSC Corporation LPC47M14X Datasheet HTML 200Page - SMSC Corporation LPC47M14X Datasheet HTML 201Page - SMSC Corporation LPC47M14X Datasheet HTML 202Page - SMSC Corporation LPC47M14X Datasheet HTML 203Page - SMSC Corporation LPC47M14X Datasheet HTML 204Page - SMSC Corporation LPC47M14X Datasheet HTML 205Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 201 / 205 page
background image
SMSC DS – LPC47M14X
Page 201
Rev. 03/19/2001
12 APPENDIX - TEST MODE
12.1 BOARD TEST MODE
Board test mode can be entered as follows:
On the rising (deasserting) edge of PCI_RESET#, drive LFRAME# low and drive LAD[0] low.
Exit board test mode as follows:
On the rising (deasserting) edge of PCI_RESET#, drive either LFRAME# or LAD[0] high.
See the “XNOR-Chain Test Mode” section below for a description of this board test mode.
12.1.1
XNOR-Chain Test Mode
XNOR-Chain test structure allows users to confirm that all pins are in contact with the motherboard during assembly
and test operations. See FIGURE 49 below.
The XNOR-Chain test structure must be activated to perform these tests. When the XNOR-Chain is activated, the
LPC47M14x pin functions are disconnected from the device pins, which all become input pins except for one output
pin at the end of XNOR-Chain.
The tests that are performed when the XNOR-Chain test structure is activated require the board-level test hardware
to control the device pins and observe the results at the XNOR-Chain output pin.
The PCI_RESET# pin is not included in the XNOR-Chain. The XNOR-Chain output pin# is 85, GP31/FAN_TACH.
See the following subsections for more details.
FIGURE 49 – XNOR-CHAIN TEST STRUCTURE
I/O#1
I/O#2
I/O#3
I/O#n
XNor
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com