Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 126 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 120Page - NXP Semiconductors LPC55S6X Datasheet HTML 121Page - NXP Semiconductors LPC55S6X Datasheet HTML 122Page - NXP Semiconductors LPC55S6X Datasheet HTML 123Page - NXP Semiconductors LPC55S6X Datasheet HTML 124Page - NXP Semiconductors LPC55S6X Datasheet HTML 125Page - NXP Semiconductors LPC55S6X Datasheet HTML 126Page - NXP Semiconductors LPC55S6X Datasheet HTML 127Page - NXP Semiconductors LPC55S6X Datasheet HTML 128Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
126 of 128
continued >>
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
20. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 6
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 6
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 8
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 9
6.1
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 9
6.1.1
Termination of unused pins. . . . . . . . . . . . . . . 38
6.1.2
Using Internal DC-DC converter . . . . . . . . . . . 39
7
Functional description . . . . . . . . . . . . . . . . . . 40
7.1
Architectural overview . . . . . . . . . . . . . . . . . . 40
7.2
Arm Cortex-M33 processor (CPU0) . . . . . . . . 40
7.3
Arm Cortex-M33 integrated Floating Point Unit
(FPU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
7.4
Arm Cortex-M33 (CPU1) . . . . . . . . . . . . . . . . 40
7.5
Memory Protection Unit (MPU). . . . . . . . . . . . 41
7.6
Nested Vectored Interrupt Controller (NVIC) for
Cortex-M33 (CPU0) . . . . . . . . . . . . . . . . . . . . 41
7.6.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
7.6.2
Interrupt sources. . . . . . . . . . . . . . . . . . . . . . . 41
7.7
Nested Vectored Interrupt Controller (NVIC) for
Cortex-M33 (CPU1) . . . . . . . . . . . . . . . . . . . . 41
7.7.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
7.7.2
Interrupt sources. . . . . . . . . . . . . . . . . . . . . . . 42
7.8
System Tick timer (SysTick) . . . . . . . . . . . . . . 42
7.9
On-chip static RAM. . . . . . . . . . . . . . . . . . . . . 42
7.10
On-chip flash . . . . . . . . . . . . . . . . . . . . . . . . . 42
7.11
On-chip ROM . . . . . . . . . . . . . . . . . . . . . . . . . 42
7.12
Protected Flash Region (PFR) . . . . . . . . . . . . 43
7.13
Memory mapping . . . . . . . . . . . . . . . . . . . . . . 43
7.14
AHB multilayer matrix . . . . . . . . . . . . . . . . . . . 43
7.15
Memory Protection Unit (MPU). . . . . . . . . . . . 43
7.16
TrustZone and system mapping on this device 43
7.17
Links to specific memory map descriptions and
tables: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
7.18
Memory map overview . . . . . . . . . . . . . . . . . . 44
7.19
APB peripherals . . . . . . . . . . . . . . . . . . . . . . . 45
7.20
AHB peripherals . . . . . . . . . . . . . . . . . . . . . . . 46
7.21
RAM configuration . . . . . . . . . . . . . . . . . . . . . 47
7.22
System control . . . . . . . . . . . . . . . . . . . . . . . . 47
7.22.1
Clock sources . . . . . . . . . . . . . . . . . . . . . . . . . 47
7.22.2
PLL (PLL0 and PLL1) . . . . . . . . . . . . . . . . . . . 47
7.22.3
Clock generation. . . . . . . . . . . . . . . . . . . . . . . 47
7.22.4
Brownout detection. . . . . . . . . . . . . . . . . . . . . 50
7.23
Power control . . . . . . . . . . . . . . . . . . . . . . . . . 51
7.23.1
Sleep mode . . . . . . . . . . . . . . . . . . . . . . . . . . 51
7.23.2
Deep-sleep mode. . . . . . . . . . . . . . . . . . . . . . 51
7.23.3
Power-down mode . . . . . . . . . . . . . . . . . . . . . 51
7.23.4
Deep power-down mode . . . . . . . . . . . . . . . . 52
7.24
General Purpose I/O (GPIO) . . . . . . . . . . . . . 52
7.24.1
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
7.25
Pin interrupt/pattern engine . . . . . . . . . . . . . . 53
7.25.1
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
7.26
Communication peripherals . . . . . . . . . . . . . . 53
7.26.1
Full-speed USB Host/Device Interface (USB0) 53
7.26.1.1 USB0 device controller . . . . . . . . . . . . . . . . . 53
7.26.1.2 USB0 host controller . . . . . . . . . . . . . . . . . . . 54
7.26.2
High-Speed USB Host/Device Interface (USB1) .
54
7.26.2.1 USB1 device controller . . . . . . . . . . . . . . . . . 54
7.26.2.2 USB1 host controller . . . . . . . . . . . . . . . . . . . 55
7.26.3
Flexcomm Interface serial communication. . . 55
7.26.3.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
7.26.3.2 SPI serial I/O (SPIO) controller . . . . . . . . . . . 55
7.26.3.3 I2C-bus interface . . . . . . . . . . . . . . . . . . . . . . 55
7.26.3.4 USART. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
7.26.3.5 I2S-bus interface . . . . . . . . . . . . . . . . . . . . . . 57
7.26.4
High-speed SPI serial I/O controller. . . . . . . . 58
7.26.4.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
7.27
SDIO/MMC interface . . . . . . . . . . . . . . . . . . . 58
7.27.1
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
7.28
Standard counter/timers (CT32B0 to 4) . . . . . 58
7.28.1
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
7.28.2
SCTimer/PWM subsystem . . . . . . . . . . . . . . . 59
7.28.2.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
7.28.3
Windowed WatchDog Timer (WWDT) . . . . . . 61
7.28.3.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
7.28.4
RTC timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
7.28.4.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
7.28.5
Multi-Rate Timer (MRT) . . . . . . . . . . . . . . . . . 62
7.28.5.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
7.28.6
OS Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
7.28.6.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
7.28.7
Micro-tick timer (UTICK) . . . . . . . . . . . . . . . . 62
7.28.7.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
7.29
Digital peripherals . . . . . . . . . . . . . . . . . . . . . 62
7.29.1
DMA controller . . . . . . . . . . . . . . . . . . . . . . . . 62
7.29.1.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
7.29.2
Programmable Logic Unit (PLU) . . . . . . . . . . 63
7.29.2.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
7.29.3
CRC engine . . . . . . . . . . . . . . . . . . . . . . . . . . 63
7.29.3.1 Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
7.30
Analog peripherals . . . . . . . . . . . . . . . . . . . . . 64
7.30.1
16-bit Analog-to-Digital Converter (ADC). . . . 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com