Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 53 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 53 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 49Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
53
H5GQ2H24AFR
The EDC hold pattern will not be transmitted when the device is in address training mode, in WCK2CK 
training mode, in RDQS mode, in self refresh mode, in reset state, in power‐down state with the LP2 bit 
set, or in scan mode.
With register bit A11 set High, EDC1 and EDC3 will transmit the inverted EDC hold pattern, resulting in 
a pseudo‐differential pattern. Please note that this function is not available in x16 configuration. Bit A11 is 
ignored for READ, WRITE and RDTR CRC bursts and the clock phase information in WCK2CK training 
mode.
CRC Write Latency (CRCWL)
The  value  of  the  CRC  write  latency  is  loaded  into  register  bits  A4‐A6.  If  the  DRAM  vendor  does  not 
support the Mode Register definition of CRCWL, the Mode Register settings will be ignored. In that case 
the  valid  fixed  latency  is  given  with  the  DRAM  vendor’s  specification.  The  user  must  set  the  CRCWL 
Mode Register bits.
Speed
Allowable Operating Frequency (Gbps)
CRCWL 14 CRCWL 13 CRCWL 12 CRCWL 11 CRCWL 10
CRCWL 9
CRCWL 8
CRCWL 7
6.0Gbps
5.5Gbps
5.0Gbps
4.5Gbps
4.0Gbps
CRC Read Latency (CRCRL)
The value of the CRC read latency is loaded into register bits A7‐A8. If the DRAM vendor does not support                   
the Mode Register definition of CRCRL, the Mode Register settings will be ignored. In that case the valid 
fixed latency is given with the DRAM vendor’s specification. The user must set the CRCRL Mode Register 
bits.
Speed
RDBI
ON/OFF
Allowable Operating Frequency (Gbps)
CRCRL 3
CRCRL 2
CRCRL 1
CRCRL 0
6.0Gbps
OFF
ON
5.5Gbps
OFF
ON
5.0Gbps
OFF
ON
4.5Gbps
OFF
ON
4.0Gbps
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com