Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 16Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
13
H5GQ2H24AFR
 1.2. VENDOR ID
GDDR5 SGRAMs are required to include a Vendor ID feature that allows the controller to receive informa‐
tion from the GDDR5 SGRAM to differentiate between different vendors and different devices using a 
software algorithm. 
When the Vendor ID function is enabled the GDDR5 SGRAM will provide its Manufacturers Vendor Code 
on bits [3:0] as shown in Table 2; Revision Identification on bits [7:4]; Density on bits [9:8] ; FIFO Depth on 
bits [11:10] as shown in Table 3 & Table4. Bits [15:12] are RFU.    
Vendor ID is part of the INFO field of Mode Register 3 (MR3) and is selected by issuing a MODE REGIS‐
TER SET command with MR3 bit A6 set to 1, and bit A7 set to 0. MR3 bits A0‐A5 and A8‐A11 are set to the 
desired values. 
The Vendor ID will be driven onto the DQ bus after the MRS command that sets bits A6 to 1 and A7 to 0. 
The DQ bus will be continuously driven until an MRS command sets MR3 A6 and A7 back to 0 to disable 
the INFO field or to another valid state for the INFO field if the INFO field includes support for additional 
vendor specific information. The DQ bus will be in ODT state after tWRIDOFF (max). The code can be sam‐
pled by the controller after waiting tWRIDON (max) and before tWRIDOFF (min). DBI is not enabled or 
ignored during all Vendor ID operations. Table 4 shows the mapping of the Vendor ID info to the physical 
DQs. The 16 bits of Vendor ID are sent on Byte 0 and 2 when MF=0. When MF=1 the 16 bits are sent on 
Byte 1 and 3. Optionally the vendor may replicate the data on the other 2 bytes when in x32 mode. Byte 0 
would be replicated on Byte 1 and Byte 2 would be replicated on Byte 3 when MF=0. When MF=1, Byte 1 
would be replicated on Byte 0 and Byte 3 would be replicated on Byte 2.
 
TABLE 2. Manufacturers Vendor Code
Manufacturers ID
Bit 3
Bit 2
Bit 1
Bit 0
Name of Company
0
0000
Reserved
1
0001
Samsung
2
0010
Qimonda
3
0011
Elpida
4
0100
Etron
5
0101
Nanya
6
0110
Hynix
7
0111
ProMOS
8
1000
Winbond
9
1001
ESMT
A
1010
Reserved
B
1011
Reserved
C
1100
Reserved
D
1101
Reserved
E
1110
Reserved
F
1111
Micron



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com