Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 2Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 3Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 4Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 5Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 6Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
6
H5GQ2H24AFR
ORDERING INFORMATION
Note1) Above Hynix P/N's are Lead-free, RoHS Compliant and Halogen-free.
Part No
Power Supply
WCK Frequency
Max Data Rate
Interface
H5GQ2H24AFR-R0C
VDD/VDDQ = 1.5
3.00GHz
6.0Gbps/pin
POD_15
VDD/VDDQ = 1.35V
2.50GHz
5.0Gbps/pin
POD_135
H5GQ2H24AFR-T2C
VDD/VDDQ = 1.5
2.50GHz
5.0Gbps/pin
POD_15
VDD/VDDQ = 1.35
2.00GHz
4.0Gbps/pin
POD_135
H5GQ2H24AFR-T0C
VDD/VDDQ = 1.5
2.00GHz
4.0Gbps/pin
POD_15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com