Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
60
H5GQ2H24AFR
 4.8. MODE REGISTER 7 (MR7)
Mode  Register  7  controls  features  like  PLL  Standby,Low  Frequency  mode,  Auto  Synchronization,  Data 
Preamble,  operation, Half VREFD, VDD Range and DCC as shown in Figure 32.
The register is programmed via the MODE REGISTER SET (MRS) command with BA0=1, BA1=1, BA2=1 
and BA3=0.
Figure 32. Mode Register 7 (MR7) Definition
PLL Standby
When enabled by bit A0, the PLL is put into a standby mode upon entering self refresh even if the WCK
clocks are disabled. The max. duration the PLL can be held in this standby state (tSTDBY) is given in the
vendor‘s datasheet.
Upon exiting self refresh WCK2CK training is required to e.g. set the data synchronizers, and the PLL will
remain in the standby state until a PLL reset is issued, at which time the PLL will lock to the already stable
WCK signal in a significantly shorter time than tLK. The standby lock time tSTDBYLK is to be defined in 
the vendor’s data sheet. If a normal lock is desired (e.g. if the frequency has changed) the PLL Standby bit 
will first have to be disabled before issuing PLL reset. 
A11
A10
DCC
00
no DCC /
DCC off or hold / opt.
01
DCC start 
10
DCC reset l
11
RFU
A3
Low Frequency Mode
0Off
1On
A4
WCK2CK Auto Sync
0Off
1On
A5
Data Preamble
0Off
1On
A6
0Off
1On
A7
Half VFRED
00.7 * VDDQ
10.5 * VDDQ
BA3 BA2 BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
01
11
0
DCC
RFU
Half 
VREFD
Temp 
Sense
DQ 
PreA
Auto 
Sync
LF 
Mode
RFU
PLL
Stdby
A0
PLL Standby
0Off
1On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com