Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 44Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 45Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 46Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 49Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
47
H5GQ2H24AFR
Calibration Update 
The  Calibration  Update  setting  enables  the  calibration  value  to  be  updated  automatically  by  the  auto 
calibration engine. The function is enabled upon power‐up to reduce update induced jitter. The user may 
decide to suppress updates from the auto calibration engine by disabling Calibration Update (A6=1). 
The calibration updates can occur with any REFRESH command. The update is not complete for a time 
tKO  after  the  latching  of  the  REFRESH  command.  During  this  tKO  time,  only  NOP  or  DESELECT 
commands may be issued
PLL and PLL Reset
If a PLL   is to be used, it must be enabled for normal operation by setting bit A7 to ’1’.  
A PLL reset is done by turning the PLL off then on, or by use of the PLL Reset bit A11. The PLL Reset bit 
is self clearing meaning that it returns back to the value ‘0’ after the PLL reset function has been issued.
RDBI and WDBI
Bit A8 controls Data Bus Inversion (DBI) for READs (RDBI), and bit A9 controls Data Bus Inversion for 
WRITEs (WDBI). For more details on DBI see READ and WRITE Data Bus Inversion (DBI) in the section 
entitled OPERATION.
ABI
Address Bus Inversion (ABI) is selected independently from DBI using bit A10. When enabled any data 
sent over the address bus (whether opcode, addresses, LDFF data or DM) is inverted or not inverted based 
on the state of ABI# signal. For more details on ABI see Address Bus Inversion (ABI) in the section entitled 
OPERATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com