Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 63 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 63 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 65Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 66Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 67Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
63
H5GQ2H24AFR
4.9 MODE REGISTER 9 (MR9)
Mode Register 9 controls features Pre & De‐Emphasis as shown in Figure 33.
The register is programmed via the MODE REGISTER SET (MRS) command with BA0=1, BA1=0, BA2=0 
and BA3=1.
Figure 33. Mode Register 9 (MR9) Definition
Pre‐Emphasis & De‐Emphasis
The Pre‐Emphasis and De‐Emphasis is enabled by the combination of bit A0 and A1. 
The Pre‐Emphasis is on when A1/A0 is 0/1 and the De‐Emphasis is on when A1/A0 is 1/0 or 1/1.
 It will be helpful to reduce channel ISI (Inter Symbol Interference) at high speed operation when memory 
is in read operation. 
BA3 BA2 BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
10
01
0
RFU
Pre & De
‐ Emphasis
A1
A0
All Off
0
0
Pre‐emphasis
On
01
De‐emphasis
On
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com