Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 70 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 70 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 66Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 67Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 68Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 69Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 70Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 71Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 72Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 73Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 74Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
70
H5GQ2H24AFR
 5.6. BANK RESTRICTIONS
There may be a need to limit the number of activates in a rolling window to ensure that the instantaneous 
current supplying capability of the devices is not exceeded. To reflect the short term capability of the 
GDDR5 SGRAM current supply, the parameter tFAW (four activate window) is defined. No more than 4 
banks may be activated in a rolling tFAW window. Converting to clocks is done by dividing tFAW (ns) by 
tCK (ns) and rounding up to next integer value. As an example of the rolling window, if (tFAW/tCK) rounds 
up to 10 clocks, and an ACTIVE command is issued at clock N, no more than three further ACITIVE com‐
mands may be issued at clocks N+1 through N+9 as illustrated in Figure 41. 
To reflect a longer term GDDR5 SGRAM current supply capability, the parameter t32AW (thirty‐two acti‐
vate window) is defined. No more than 32 banks may be activated in a rolling t32AW window. Converting 
to clocks is done by dividing t32AW (ns) by tCK (ns) and rounding up to next integer value. The use of a 
shorter and longer rolling activation window allows the GDDR5 SGRAM design to be optimized to handle 
higher instantaneous currents within a shorter window while still limiting the current strain over a longer 
period of time. This means that in general t32AW will be greater than or equal to 8* tFAW as shown in 
Figure42.
It is preferable that GDDR5 SGRAMs have no rolling activation window restrictions (tFAW = 4 * tRRD).
 
Figure 41. tRRD and tFAW
ACT
tRRD
tRRD
tRRD
tRRD
tRRD
tRRD
tFAW
tFAW +3 * t
ACT
ACT
ACT
ACT
ACT
ACT
ACT
RRD
CK
CK#
CMD
tRRD = tRRDL or tRRDS depending on Bank Groups on/off setting and accessed banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com