Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 55 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 55 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
55
H5GQ2H24AFR
 4.6. MODE REGISTER 5 (MR5)
Mode Register 5 defines digital RAS, PLL band‐width and low power modes as shown in Figure 29.
The register is programmed via the MODE REGISTER SET (MRS) command with BA0=1, BA1=0, BA2=1 
and BA3=0.
Figure 29. Mode Register 5 (MR5) Definition
A1
LP2
0Off
1On
BA3 BA2 BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
01
010
RFU
PLL Bandwidth
LP3
LP2
RFU
A5
A4
A3
‐3dB [MHz]
BW3dBLL
Peak [MHz]
BWPKLL
Peak [dB]
PKLL
00
0
22
6
< 2.14
00
1
45
9
< 2.14
01
0
55
14
<1.58
01
1
60
17
<1.87
10
0
65
21
<1.87
10
1
70
26
<1.87
11
0
80
33
<1.87
11
1
85
35
< 2.14
A2
LP3
0Off
1On
Note 1) PLL BW characteristics is measured at 5Gbps
Note 2) PLL BW is linearly proportional to the data rate
Note 3) -3dB frequency is approximately interpolated from simulation
& measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com