Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 58 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 58 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
58
H5GQ2H24AFR
Separate Vref circuits are associated with the bytes in rows A to F and the bytes in rows M to U, with 
separate VREFD pins for the required external Vref.
The  only  mandatory  mode  is  that  Vref  will  be  supplied  externally  at  the  VREFD  pins.  This  mode  is 
configured with bits A1‐A3 and bit A7 in MR7 all set to ’0’. 
Figure 31. VREFD Options
VREFD Merge
The  VREFD  Merge  mode  is  enabled  when  bit  A1  is  set  to’1’.  The  externally  supplied  VFRED  and  the 
internally  generated  Vref  will  be  merged,  resulting  in  the  average  value  of  both.  DRAM  vendor 
specifications should be checked for values of external resistors that may be connected to VREFD pins in 
this VREFD Merge mode.
Auto VREFD Training
When  Auto  is  set  for  VREFD  offsets,  the  internal  Vref  generator  must  be  trained.  Bit  A2  enables  this 
training;  the  bit  is  self‐clearing,  meaning  that  it  returns  back  to  the  value  ‘0’  after  the  training  has 
completed. 
Once  the  training  mode  is  enabled,  the  GDDR5  SGRAM  drives  the  EDC  pins  Low  to  indicate  to  the 
controller that the training has started. The controller is now expected to send the specified PRBS pattern 
to the GDDR5 SGRAM. Upon completion of the training, the GDDR5 SGRAM stops driving the EDC pins 
Low, and the EDC pins will resume transmitting the EDC hold pattern. But, it is not supported.
VREFD
Bit A3 selects between external and internal Vref. The bit is “Don’t Care” when VREFD Merge mode is 
selected.
VREFD Offsets and VREFD Auto Mode
It supports the capability to offset Vref independently for the upper 2 bytes and the lower 2 bytes. The 
offset step values may be non‐linear and will vary  across PVT. 
VREFD
0.5*VDDQ
0.7*VDDQ
+
+
‐
Receiver
DQ/DBI#
+
VREFD Offsets
VREFD
    Half
  VREFD
 VREFD
  VREFD
  Merge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com