Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 91 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 91 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 87Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 88Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 89Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 90Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 91Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 92Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 93Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 94Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 95Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
91
H5GQ2H24AFR
When enabled by the RDCRC flag in MR4, EDC data is returned to the controller with a latency of (CLmrs 
+ CRCRL) * tCK + tWCK2CKPIN + tWCK2CK + tWCK2DQO, where CRCRL is the CRC Read latency pro‐
grammed in MR4.
Figure 56. READ Word Lane Timing
CK
CK#
tCH
tCL
tCK
CLmrs
DQ/DBI#/EDC
(mean)
WCK#
WCK
tWCK2CKPIN + tWCK2CK
tWCK2DQO
DQ/DBI#/EDC
(first bit)
DQ/DBI#/EDC
(last bit)
tDQDQO(min)
tDQDQO(max)
1) CLmrs is the CAS latency programmed in Mode Register MR0.
2) Timings are shown with positive tWCK2CKPIN and tWCK2CK values. See WCK2CK timings for 
tWCK2CKPIN and tWCK2CK ranges.
3) tWCK2DQO parameter values could be negative or positive numbers, depending on PLL‐on or PLL‐off mode  
operation and design implementation. They also vary across PVT. Data training is required to determine 
the actual tWCK2DQO value for stable READ operation.
4) tDQDQO defines the minimum to maximum variation of tWCK2DQO within a double byte (x32 mode) or  
a single byte (x16 mode).
5) tDQDQO also applies for CRC data from WRITE and READ commands with CRC enabled, the EDC hold
D1 D2 D3 D4 D5 D6 D7
D0
D1 D2 D3 D4 D5 D6 D7
D0
D1 D2 D3 D4 D5 D6 D7
D0
Case 1: Negative tWCK2DQO
DQ/DBI#/EDC
(mean)
tWCK2DQO
DQ/DBI#/EDC
(first bit)
DQ/DBI#/EDC
(last bit)
tDQDQO(min)
tDQDQO(max)
D1 D2 D3 D4 D5 D6 D7
D0
D1 D2 D3 D4 D5 D6 D7
D0
D1 D2 D3 D4 D5 D6 D7
D0
Case 2: Positive tWCK2DQO
Donʹt Care
pattern, and the data strobe in RDQS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com