Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 16Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 17Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 18Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 19Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 20Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 21Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
18
H5GQ2H24AFR
 2.3. BANK GROUPS
For GDDR5 SGRAM devices operating at frequencies above a certain threshold, the activity within a bank 
group must be restricted to ensure proper operation of the device. The 8 or 16 banks in GDDR5 SGRAMs 
are divided into four or eight bank groups. The bank groups feature is controlled by bits A10 and A11 in 
Mode Register 3 (MR3). The assignment of the banks to the bank groups is shown in Table 7.
These bank groups allow the specification of different command delay parameters depending on whether 
back‐to‐back accesses are to banks within one bank group or across bank groups as shown in Table 8.
 
Table 7  Bank Groups
Bank
Addressing
2G
2G
BA3
BA2
BA1
BA0
16 banks
16 banks
00
0
0
0
Group A
Group A
10
0
0
1
20
0
1
0
Group B
30
0
1
1
40
1
0
0
Group B
Group C
50
1
0
1
60
1
1
0
Group D
70
1
1
1
81
0
0
0
Group C
Group E
91
0
0
1
10
1
0
1
0
Group F
11
1
0
1
1
12
1
1
0
0
Group D
Group G
13
1
1
0
1
14
1
1
1
0
Group H
15
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com