Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 39Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 41Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 44Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 45Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 46Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
43
H5GQ2H24AFR
WRITE Latency (WLmrs)
The WRITE latency (WLmrs) is the delay in clock cycles used in the calculation of the total WRITE latency 
(WL)  between  the  registration  of  a  WRITE  or  WRTR  command  and  the  availability  of  the  first  piece  of 
input  data.  DRAM  vendor  specifications  should  be  checked  for  value(s)  of  WLmrs  supported.  The  full 
WRITE latency definition can be found in the section entitled OPERATION.
When the WRITE latencies are set to small values (i.e. 1,2,... clocks), the input receivers never turn off, in 
turn, raising the operating power. When the WRITE latency is set to higher values (i.e. .. 6, 7 clocks) the input 
receivers turn on when the WRITE or WRTR command is registered. Refer to vendor datasheets for value(s) 
of WLmrs where the input receivers are always on or only turn on when the WRITE or WRTR command is 
registered
Speed
Allowable Operating Frequency (Gbps)
WL 7
WL 6
WL 5
WL 4
WL 3
WL 2
WL 1
6.0Gbps
5.5Gbps
5.0Gbps
4.5Gbps
4.0Gbps
CAS Latency (CLmrs) 
The CAS latency (CLmrs) is the delay in clock cycles used in the calculation of the total READ latency 
(CL) between the registration of a READ or RDTR command and the availability of the first piece of output 
data. 
 By default CLmrs is specified by bits A3‐A6, defining a CLmrs range of 5 to 20 tCK.
DRAM vendor specifications should be checked for value(s) of CLmrs supported. The full READ latency              
definition can be found in the section entitled OPERATION
Speed
RDBI
ON/OFF
Allowable Operating Frequency (Gbps)
CL 20
CL 19
CL 18
CL 17
CL 16
CL 15
CL 14
CL 13
CL 12
6.0Gbps
OFF
ON
5.5Gbps
OFF
ON
5.0Gbps
OFF
ON
4.5Gbps
OFF
ON
4.0Gbps
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com