Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 72 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 72 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 68Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 69Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 70Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 71Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 72Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 73Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 74Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 75Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 76Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
72
H5GQ2H24AFR
 5.7. WRITE (WOM)
WRITE bursts are initiated with a WRITE command as shown in Figure 43. The bank and column 
addresses are provided with the WRITE command and auto precharge is either enabled or disabled for 
that access with the A8 pin. If auto precharge is enabled, the row being accessed is precharged at the com‐
pletion of the burst after tRAS(min) has been met.  The length of the burst initiated with a WRITE command 
is eight and the column address is unique for this burst of eight. There is no interruption nor truncation of 
WRITE bursts.
Figure 43. WRITE Command
During WRITE bursts, the first valid data‐in element must be available at the input latch after the Write 
Latency (WL). The Write Latency is defined as WLmrs * tCK + tWCK2CKPIN + tWCK2CK + tWCK2DQI, where 
WLmrs is the number of clock cycles programed in MR0, tWCK2CKPIN is the phase offset between WCK 
and CK at the pins when phase aligned at phase detector, tWCK2CK is the alignment error between WCK 
and CK at the GDDR5 SGRAM phase detector, and tWCK2DQI is the WCK to DQ/DBI# offset as measured 
at the DRAM pins to ensure concurrent arrival at the latch. The total delay is relative to the data eye center 
averaged over one double‐byte. The maximum skew within a double‐byte is defined by tDQDQI. 
The data input valid window, tDIVW, defines the time region when input data must be valid for reliable 
data capture at the receiver for any one worst‐case channel. It accounts for jitter between data and clock at 
the latching point introduced in the path between the DRAM pads and the latching point. Any additional 
jitter introduced into the source signals (i.e. within the system before the DRAM pad) must be accounted 
for in the final timing budget together with the chosen PLL mode and bandwidth. tDIVW is measured at 
the pins. tDIVW is defined for the PLL off and on mode separately. In the case of PLL on, tDIVW must be 
specified for each supported bandwidth. In general tDIVW is smaller than tDIPW.
A10,A11
0,0
CS#
WE#
CAS#
RAS#
CKE#
A9 (A12)
A1
A8
LOW
WRITE
CK
CK#
CA
A0,A6
BA0‐BA3
A2‐A5
CA
BA
A7
EN AP
DIS AP
BA = Bank Address; CA = Column Address
EN AP = Enable Auto‐Precharge; DIS AP = Disable Auto‐Precharge
0,0
CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com