Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 3Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 4Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 5Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 6Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
7
H5GQ2H24AFR
DEFINITION OF SIGNAL STATE TERMINOLOGY
GDDR5 SGRAM will be operated in both ODT Enable (terminated) and ODT Disable (unterminated) 
modes. For highest data rates it is recommended to operate in the ODT Enable mode. ODT Disable mode 
is designed to reduce power and may operate at reduced data rates. There exist situations where ODT 
Enable mode can not be guaranteed for a short period of time, i.e. during power up.
Following are four terminologies defined for the state of a device (GDDR5 SGRAM or controller) pin dur‐
ing operation. The state of the bus will be determined by the combination of the device pins connected to 
the bus in the system. For example in GDDR5 it is possible for the SGRAM pin to be tristated while the 
controller pin is High or ODT. In both cases the bus would be High if the ODT is enabled. For details on 
the GDDR5 SGRAM pins and their function see ?$paratext>? on page 156 and ?$paratext>? on page 158 in 
the section entitled “PACKAGE SPECIFICATION”
Device pin signal level:
•High: A device pin is driving the Logic “1” state.
•Low: A device pin is driving the Logic “0” state.
•Hi‐Z: A device pin is tristate.
•ODT: A device pin terminates with ODT setting, which could be terminating or tristate depending on Mode 
Register setting.
Bus signal level:
•High: One device on bus is High and all other devices on bus are either ODT or Hi‐Z. The voltage level on the bus 
would be nominally VDDQ
•Low: One device on bus is Low and all other devices on bus are either ODT or Hi‐Z. The voltage level on the bus 
would be nominally VOL(DC) if ODT was enabled, or VSSQ if Hi‐Z.
•Hi‐Z: All devices on bus are Hi‐Z. The voltage level on bus is undefined as the bus is floating.
•ODT: At least one device on bus is ODT and all others are Hi‐Z. The voltage level on the bus would be nominally 
VDDQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com