Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 33Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 34Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 35Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 36Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 37Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 38Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
35
H5GQ2H24AFR
Figure 18: LDFF Command Address to DQ/DBI#/EDC Mapping
All burst addresses 0 to 7 must be loaded; LDFF commands to burst address 0 to 6 may be issued in ran‐
dom order; the LDFF command to burst address 7 (LDFF7) must be the last of 8 consecutive LDFF com‐
mands, as it effectively loads the data into the FIFO and results in a FIFO pointer increment. Consecutive 
LDFF commands have to be spaced by at least tLTLTR, and at least tLTL7TR cycles are required after each 
LDFF command to burst address 7.
LDFF pattern may efficiently be replicated to the next FIFO stages by issuing consecutive LDFF commands 
to burst address 7 (with identical data pattern). The data pattern in the scratch memory for LDFF will be 
available until the first RDTR command.
The DQ/DBI# output buffers remain in ODT state during LDFF.
An amount of LDFF commands to burst address 7 greater than the FIFO depth is allowed and shall result 
in a looping of the FIFO’s data input.
The total number of LDFF commands to burst address 7 modulo FIFO depth must equal the total number 
of RDTR commands modulo FIFO depth when used in conjunction with RDTR. No READ or WRITE com‐
mands are allowed between LDFF and RDTR.
The EDC hold pattern is driven on the EDC pins during LDFF (provided RDQS mode is not enabled).
A0
A1
A6
A3
A4
A5
A7
A10
A9
A11
BA1
A8
A0
A1
A2
A3
A9
A4
A5
A6
A7
1 FIFO STAGE = 1 BURST
01
2
3
4
5
6
7
7
6
5
4
3
2
1
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
H
L
Burst Position
BA2
BA1
BA0
CK
LDFF FIFO Load Pulse
L
LDFF Command
CK#
Address‐to‐DQ Mapping
BA3
BA3
DBI0# DBI1# DBI2# DBI3#
EDC0 EDC1 EDC2 EDC3
DQ7
DQ15 DQ23 DQ31
DQ6
DQ14 DQ22 DQ30
DQ5
DQ13 DQ21 DQ29
DQ4
DQ12 DQ20 DQ28
DQ3
DQ11 DQ19 DQ27
DQ2
DQ10 DQ18 DQ26
DQ1
DQ9
DQ17 DQ25
DQ0
DQ8
DQ16 DQ24
Byte 0Byte 1Byte 2 Byte 3
A2
BA0
BA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com