Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 17Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 18Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 19Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 20Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 21Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 22Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 23Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 24Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
21
H5GQ2H24AFR
 3. TRAINING
 3.1. INTERFACE TRAINING SEQUENCE
Due to the high data rates of GDDR5, it is recommended that the interfaces be trained to operate with the 
optimal timings. GDDR5 SGRAM has features defined which allow for complete and efficient training of 
the I/O interface without the use of the GDDR5 SGRAM array. The interface trainings are required for nor‐
mal DRAM functionality  unless running in lower frequency modes as described in the low frequency sec‐
tion. Interface timings will only be guaranteed after all required trainings have been executed.
A recommended order of training sequences has been chosen based on the following criteria:
The address training must be done first to allow full access to the Mode Registers. (MRS for address train‐
ing is a special single data rate mode register set guaranteed to work without training). Address input tim‐
ing shall function without training as long as tAS/H are met at the GDDR5 SGRAM.
WCK2CK training should be done before read training because a shift in WCK relative to CK will cause a 
shift in all READ timings relative to CK.
READ training should be done before WRITE training because optimal WRITE training depends on cor‐
rect READ data.
Figure 8: Interface Training Sequence
Initialization
Address Training (optional)
WCK2CK Alignment Training
READ Training
WRITE Training
Start Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com