Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 35Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 36Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 37Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 38Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 39Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 41Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
39
H5GQ2H24AFR
WRTR Command
A WRTR burst is initiated with a WRTR command as shown in Figure 20. No bank or column addresses 
are used as the data is written to the internal READ FIFO, not the array. The length of the burst initiated 
with a WRTR command is eight. There is no interruption nor truncation of WRTR bursts.
Figure 20: WRTR Command
A WRTR command may only be issued when a bank is open or a refresh is in progress and bit A2 in MR5 
is set to 0 to allow training during refresh.
WDBI and WRCRC must be enabled to write the DBI and EDC bits, respectively, with the WRTR com‐
mand. If WDBI is not set, a ‘1’ will be written to the DBI FIFO, and a ‘1’ will be assumed for the DBI# input 
in the CRC calculation. In contrast to a normal WRITE, no CRC is returned by the WRTR command and 
the EDC pins will drive the EDC hold pattern. 
In case of the RDQS mode, the EDC pin functions like with a normal READ in this mode. Please note that 
RDCRC must be enabled to read the calculated CRC data with the RDTR command.
An amount of WRTR commands equal to the FIFO depth is required to fully load the FIFO; any number of 
WRTR commands greater than the FIFO depth is allowed and shall result in a looping of the FIFO’s data 
input. The FIFO depth to which the WRTR data is written must be 6. The FIFO depth is read via the Ven‐
dor ID function.
During WRTR bursts, the first valid data‐in element must be available at the input latch after the Write 
Latency (WL). The Write Latency is the same as for WRITE.
Upon completion of a burst, assuming no other WRTR data is expected on the bus the GDDR5 SGRAM 
DQ and DBI# pins will be driven according to the ODT state. Any additional input data will be ignored.
WRTR
CS#
WE#
CAS#
RAS#
CKE#
LOW
CK
CK#
A9 (A12)
A1 
A8,A10,A11
BA0‐BA3
A2‐A5
0,1,1
A7,A0,A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com