Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 85Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 86Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 87Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 88Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 89Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 90Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 91Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 92Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
89
H5GQ2H24AFR
 5.9. READ
A READ burst is initiated with a READ command as shown in Figure 55. The bank and column addresses 
are provided with the READ command and auto precharge is either enabled or disabled for that access 
with the A8 address. If auto precharge is enabled, the row being accessed is precharged at the completion 
of the burst after tRAS(min) has been met.  The length of the burst initiated with a READ command is eight 
and the column address is unique for this burst of eight. There is no interruption nor truncation of READ 
bursts.
Figure 55. READ Command
During READ bursts, the first valid data‐out element will be available after the CAS latency (CL). The CAS 
Latency is defined as CLmrs * tCK + tWCK2CKPIN + tWCK2CK + tWCK2DQO, where CLmrs is the number of 
clock cycles programed in MR0, tWCK2CKPIN is the phase offset between WCK and CK at the pins when 
phase aligned at phase detector, tWCK2CK is the alignment error between WCK and CK at the GDDR5 
SGRAM phase detector, and tWCK2DQO is the WCK to DQ/DBI#/EDC offset as measured at the DRAM 
pins. The total delay is relative to the data eye initial edge averaged over one double‐byte. The maximum 
skew within a double‐byte is defined by tDQDQO. 
Upon completion of a burst, assuming no other READ command has been initiated, all DQ and DBI# pins 
will drive a value of ʹ1ʹ and the ODT will be enabled at a maximum of 1 tCK later. The drive value and ter‐
mination value may be different due to separately defined calibration offsets. If the ODT is disabled, the 
pins will drive Hi‐Z.
Data from any READ burst may be concatenated with data from a subsequent READ command. A contin‐
uous flow of data can be maintained. The first data element from the new burst follows the last element of 
a completed burst. The new READ command should be issued after the previous READ command accord‐
ing to the tCCD timing. If that READ command is to another bank then an ACTIVE command must pre‐
cede the READ command and tRCDRD also must be met. 
WE#
A10,A11
0,0
CS#
CAS#
RAS#
CKE#
A9 (A12)
A1
A8
LOW
READ
CK
CK#
CA
A0,A6
BA0‐BA3
A2‐A5
CA
BA
A7
EN AP
DIS AP
BA = Bank Address; CA = Column Address
EN AP = Enable Auto‐Precharge; DIS AP = Disable Auto‐Precharge
0,0
CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com