Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 26Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 27Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 28Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 29Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 30Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 33Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
30
H5GQ2H24AFR
Example 2: outline of a basic WCK2CK training sequence with optional WCK clock stop:
1) 
Stop WCK clocks with WCK01/WCK23 LOW and WCK01#/WCK23# HIGH
2) 
Wait tWCK2MRS for internal WCK clocks to settle
3) 
Enable training mode via MRS and wait tMRD for divide‐by‐2 circuits to reset
4) 
Start WCK clocks without glitches (both divide‐by‐2 circuits remain in sync)
5) 
Wait tWCK2TR for internal WCK clocks to stabilize
6) 
Sweep and observe the phase independently for WCK01 on EDC0 and WCK23 on EDC2; adjust 
the 
                WCK phase to the optimal point (“ideal alignment”)
7) 
Issue a PLL reset and wait tLK (PLL on mode only)
8) 
While all WCK and CK are aligned, exit WCK2CK training mode via MRS
9) 
Wait tMRD for the reset of data synchronizers
READ and WRITE latency timings are defined relative to CK. Any offset in WCK and CK at the pins and/
or the phase detector will be reflected in the latency timings. The parameters used to define the relation‐
ship between WCK and CK are shown in Figure 6. For more details on the impact on READ and WRITE 
timings see the OPERATIONS section.
Figure 15: WCK2CK Timings
CK
CK#
tCH
tCL
tCK
WCK
WCK#
tWCK2CKPIN
Case 1: Negative tWCK2CKPIN; tWCK2CK = 0 (ideal WCK2CK alignment)
tWCK
WCK
WCK#
Case 2: Negative tWCK2CKPIN; negative tWCK2CK
WCK
WCK#
tWCK2CKPIN
Case 3: Positive tWCK2CKPIN; tWCK2CK = 0 (ideal WCK2CK alignment)
tWCK2CKPIN + tWCK2CK
WCK#
WCK
Case 4: Positive tWCK2CKPIN; positive tWCK2CK
tWCK2CKPIN + tWCK2CK
Note: tWCK2CKPIN and tWCK2CK parameter values could be negative or positive numbers, depending on the selected
WCK2CK alignment point, PLL‐on‐or PLL‐off mode operation and design implementation. They also vary across 
PVT. WCK2CK training is required to determine the correct WCK‐to‐CK phase for stable device operation. 
tWCKH tWCKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com