Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
12
H5GQ2H24AFR
1.2. Initialization with Stable Power
The following sequence is required for reset subsequent to power‐up initialization. This requires that the 
power has been stable within the specified VDD and VDDQ ranges since power‐up initialization (See 
Figure 4)
1) Assert RESET# Low anytime when reset is needed.
2) Hold RESET# Low for minimum 100ns. Assert and hold NOP command.
3) Set CKE# for the desired ADR/CMD ODT settings, then bring RESET# High to latch in the logic state of 
CKE#; tATS and tATH must be met during this procedure. Keep EDC1 (MF=0) / EDC2 (MF=1) at the same 
logic level as during power‐up initialization as device functionality is not guaranteed if the I/O width has 
changed.
4) Continue with step 9 of the power‐up initialization sequence.
Figure 4: Initialization with Stable Power
TRAIN / MRS
ADR
CKE#
min. 100 ns
CMD
VDD, VDDQ
VREFD/C
RESET#
tATS tATH
DQ<31:0>,
DBI#<3:0>
ADR
EDC<3:0>
All Banks
Precharge
WCK
NOP
NOP
CK#
CK
WCK#
PRE
NOP
tRP
Execution of steps
13‐21 in Power‐up
sequence
TRAIN / MRS
TRAIN / MRS
ADR
A.C.
ADR ADR
min. 200 μs
NOP
NOP
TRAIN / MRS
A.C.
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
2.  Device functionality is not guaranteed if x32/x16 mode is not the same as during power‐up initialization.
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
)
(
(
)
Notes:  1.  A.C. = Any Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com