Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 18Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 19Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 20Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 21Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 22Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 23Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 24Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 25Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
22
H5GQ2H24AFR
 3.2. ADDRESS TRAINING
The GDDR5 SGRAM provides means for address bus interface training. The controller may use the 
address training mode to improve the timing margins on the address bus.
Address training mode is entered and exited via the ADT bit in Mode Register 15 (MR15). Mode Register 
15 supports the same setup and hold times on the address pins as for commands to allow a safe entry into 
address training mode.
Address training mode uses an internal bridge between the GDDR5 SGRAM’s address inputs and DQ/
DBI# outputs. It also uses a special READ command for address capture that is encoded using the SDR 
command pins only (CS#,RAS#,CAS#,WE# = L,H,L,H). The address values normally used to encode the 
commands will not be interpreted. Once the address training mode has been entered, the address values 
registered coincident with this special READ command will be transmitted to the controller on the DQ/
DBI# pins. The controller is then expected to compare the address pattern received to the expected value 
and to adjust the address transmit timing accordingly. The procedure may be repeated using different 
address pattern and interface timings.
No WCK clock is required for this special READ command operation during address training mode. The 
latched addresses are driven out asynchronously. 
The only commands allowed during address training mode are this special READ, MRS (e.g. to exit 
address training mode) and NOP / DESELECT.
When enabled by the ABI bit in Mode Register 1, address bus inversion (ABI) is effective during address 
training mode. It is suggested to train the ABI# pin’s interface timing together with the other address lines. 
The timing diagram in Figure 9 illustrates the typical command sequence in address training mode. The 
DQ/DBI# output drivers are enabled as long as the ADT bit is set. The minimum spacing between consec‐
utive special READ commands is 2 tCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com