Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 13Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 14Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 15Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 16Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 17Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 18Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
15
H5GQ2H24AFR
 2. ADDRESS
 2.1. ADDRESSING
GDDR5 SGRAMs use a double data rate address scheme to reduce pins required on the GDDR5 SGRAM 
as shown in Table 5. The addresses should be provided to the GDDR5 SGRAM in two parts; the first half is 
latched on the rising edge of CK along with the command pins such as RAS#, CAS# and WE#; the second 
half is latched on the next rising edge of CK#.
The use of DDR addressing allows all address values to be latched in at the same rate as the SDR com‐
mands. All addresses related to command access have been positioned for latching on the initial rising 
edge for faster decoding.
Note: Address pin A12 is required only for 2G density.
GDDR5 addressing includes support for 2G density. For all densities two modes are supported (x32 mode 
or x16 mode). x32 and x16 modes differ only in the number of valid column addresses, as shown in Table6. 
Table 5  Address Pairs
Clock
Address Pins
Rising CK
BA3
BA2
BA1
BA0
A12
A11
A10
A9
A8
Rising CK#
A3
A4
A5
A2
RFU
A6
A0
A1
A7
Table 6  Addressing Scheme
2G
x32 mode
x16 mode
Row address
A0~A12
A0~A12
Column address
A0~A5
A0~A6
Bank address
BA0~BA3
BA0~BA3
Autoprecharge
A8
A8
Page Size
2K
2K
Refresh 
16K/32ms
16K/32ms
Refresh period
1.9us
1.9us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com