Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 61 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 61 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 65Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
61
H5GQ2H24AFR
Low Frequency Mode
When  Low  Frequency Mode  is  enabled by  bit A3, the  power  consumption  of  input  receivers  and clock 
trees is reduced. The maximum operating frequency for this low frequency mode is given in the vendor‘s 
datasheet. 
WCK2CK Auto Synchronization
GDDR5  SGRAMs  support  a  WCK2CK  automatic  synchronization  mode  that  eliminates  the  need  for 
WCK2CK training upon power‐down exit or for reducing WCK2CK training time at low frequency. This 
mode is controlled by bit A4. For a detailed description see WCK2CK Auto Synchronization in the section 
entitled WCK2CK Training.
DQ(Data) Preamble
When enabled by bit A5, non‐gapless READ bursts will be preceded by a fixed data preamble on the DQ 
and  DBI#  pins  of  4  U.I.  duration.  The  programmed  READ  latency  does  not  change  when  the  Data 
Preamble is enabled. The pattern is not encoded with RDBI, however, if RDBI is disabled, the DBI# pins 
will not toggle and drive a HIGH. 
The on‐chip  is enabled by bit A6.
A detailed description of the  can be found in the VENDOR ID, TEMP SENSOR and SCAN section.
Half VREFD
This  mode  allows  users  to  adjust  the  Vref  level  in  case  the  GDDR5  SGRAM  is  operated  without 
termination: when bit A7 is set to’1’, a Vref level of nominally 0.5 * VDDQ is expected at the VREFD pin or 
being generated internally (see Figure 31).
Duty Cycle Correction (DCC)
Bits A10 and A11 control the operation of the duty cycle corrector (DCC). The DCC can be used to cancel 
out a static duty cycle error on the WCK clocks. For more details see Duty Cycle Correction (DCC) in the 
section entitled OPERATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com