Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 5 Page - Hynix Semiconductor

  H5GQ2H24AFR-R0C Datasheet HTML 1Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 2Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 3Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 4Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 5Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 6Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
5
H5GQ2H24AFR
FEATURES
•Single ended interface for data, address and command
•Quarter data‐rate differential clock inputs CK/CK# for 
ADR/CMD
•Two half data‐rate differential clock inputs WCK/
WCK#, each associated with two data bytes (DQ, DBI#, 
EDC)
•Double Data Rate (DDR) data (WCK)
•Single Data Rate (SDR) command (CK)
•Double Data Rate (DDR) addressing (CK)
•16 internal banks
•4 bank groups for tCCDL = 3 tCK
•8n prefetch architecture: 256 bit per array read or write 
access
•Burst length: 8 only
• Programmable CAS latency: 5 to 20 tCK
• Programmable WRITE latency: 1 to 7 tCK
•WRITE Data mask function via address bus (single/
double byte mask)
• Data bus inversion (DBI) & address bus inversion 
(ABI)
• Input/output PLL on/off mode
• Address training: address input monitoring by DQ 
pins
• WCK2CK clock training with phase information by 
EDC pins
• Data read and write training via READ FIFO
•READ FIFO pattern preload by LDFF command
•Direct write data load to READ FIFO by WRTR 
command
•Consecutive read of READ FIFO by RDTR command
• Read/Write data transmission integrity secured by 
cyclic redundancy check (CRC‐8)
• READ/WRITE EDC on/off mode
• Programmable EDC hold pattern for CDR
• Programmable CRC READ latency = 0 to 3 tCK
• Programmable CRC WRITE latency = 7 to 14 tCK
•Low Power modes
•RDQS mode on EDC pin
•Optional on‐chip  with read‐out
•Auto & self refresh modes
•Auto precharge option for each burst access
• 32ms, auto refresh (16k cycles)
•  controlled self refresh rate
•On‐die termination (ODT); nominal values of 60 ohm 
and 120 ohm
•Pseudo open drain (POD‐15) compatible outputs (40 
ohm pulldown, 60 ohm pullup)
•ODT and output drive strength auto‐calibration with 
external resistor ZQ pin (120 ohm)
• Programmable termination and driver strength offsets
• Selectable external or internal VREF for data inputs; 
programmable offsets for internal VREF
• Separate external VREF for address / command inputs
•Vendor ID, FIFO depth and Density info fields for 
identification
• x32/x16 mode configuration set at power‐up with EDC 
pin
•Mirror function with MF pin
• Boundary scan function with SEN pin
•1.6V / 1.5V / 1.35V +/‐ (3%xVDD)V supply for device 
operation (VDD)
•1.6V / 1.5V / 1.35V +/‐ (3%xVDDQ)V supply for I/O 
interface (VDDQ)
• 170 ball BGA package
FUNCTIONAL DESCRIPTION
The  GDDR5  SGRAM  is  a  high  speed  dynamic 
random‐access  memory  designed  for  applications 
requiring  high  bandwidth.  GDDR5  devices  contain 
the following number of bits:
2Gb has 2,147,483,648 bits and sixteen banks
The  GDDR5  SGRAM  uses  a  8n  prefetch 
architecture  and  DDR  interface  to  achieve  high‐
speed  operation.  The  device  can  be  configured  to 
operate  in  x32  mode  or  x16  (clamshell)  mode.  The 
mode  is  detected  during  device  initialization.  The 
GDDR5  interface  transfers  two  32  bit  wide  data 
words  per  WCK  clock  cycle  to/from  the  I/O  pins. 
Corresponding  to  the  8n‐prefetch  a  single  write  or 
read access consists of a 256 bit wide, two CK clock 
cycle data transfer at the internal memory core and 
eight corresponding 32 bit wide one‐half WCK clock 
cycle data transfers at the I/O pins. 
The  GDDR5  SGRAM  operates  from  a  differential 
clock  CK  and  CK#.  Commands  are  registered  at 
every rising edge of CK. Addresses are registered at 
every  rising  edge  of  CK  and  every  rising  edge  of 
CK#. 
GDDR5  replaces  the  pulsed  strobes  (WDQS  & 
RDQS)  used  in  previous  DRAMs  such  as  GDDR4 
with  a  free  running  differential  forwarded  clock 
(WCK/WCK#)  with  both  input  and  output  data 
registered  and  driven  respectively  at  both  edges  of 
the forwarded WCK. 
Read and write accesses to the GDDR5 SGRAM are 
burst oriented; an access starts at a selected location 
and consists of a total of eight data words. Accesses 
begin with the registration of an ACTIVE command, 
which  is  then  followed  by  a  READ  or  WRITE 
command.  The  address  bits  registered  coincident 
with the ACTIVE command and the next rising CK# 
edge  are  used  to  select  the  bank  and  the  row  to  be 
accessed.  The  address  bits  registered  coincident 
with  the  READ  or  WRITE  command  and  the  next 
rising CK# edge are used to select the bank and the 
column location for the burst access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com