Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 41Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 43Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 44Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 45Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 46Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
44
H5GQ2H24AFR
WRITE Recovery (WR)
The programmed WR value is used for the auto precharge feature along with tRP to determine tDAL. The 
WR  register  bits  are  not  a  required  function  and  may  be  implemented  at  the  discretion  of  the  DRAM 
manufacturer.
WR must be programmed with a value greater than or equal to RU{tWR/tCK}, where RU stands for round 
up, tWR is the analog value from the vendor datasheet and tCK is the operating clock cycle time.
By default WR is specified by bits A8‐A11, defining a WR range of 4 to 19 tCK.  
Test Mode
The normal operating mode is selected by issuing a MODE REGISTER SET command with bit A7 set to 
’0’, and bits A0‐A6 and A8‐A11 set to the desired values. Programming bit A7 to ‘1’ places the device into a 
test mode that is only to be used by the DRAM manufacturer. No functional operation is specified with test 
mode enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com