Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 102 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 102 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 98Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 99Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 100Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 101Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 102Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 103Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 104Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 105Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 106Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
102
H5GQ2H24AFR
 5.12. ERROR DETECTION CODE (EDC)
The GDDR5 SGRAM provides error detection on the data bus to improve system reliability. The device 
generates a checksum per byte lane for both READ and WRITE data and returns the checksum to the con‐
troller. Based on the checksum, the controller can decide if the data (or the returned CRC) was transmitted 
in error and retry the READ or WRITE command. The GDDR5 SGRAM itself does not perform any error 
correction. The features of the EDC are:
•8 bit checksum on 72 bits (9 channels x 8 bit burst)
• dedicated EDC transfer pin per 9 channels (4x per GDDR5 SGRAM)
•asymmetrical latencies on EDC transfer for Reads and Writes
The CRC polynomial used by the GDDR5 SGRAM is an ATM‐8 HEC, X^8+X^2+X^1+1. The starting seed 
value is set in hardware at “zero”. Table 24 shows the error types that are detectable and the detection rate.
The bit ordering calculation for the CRC error detection is optimized for errors in the time burst direction. 
Figure 68 shows the bit orientation on a byte lane basis.
Table 24  Error Correction Details
Error Type
Detection Rate
Random Single Bit
100%
Random Double Bit
100%
Random Odd Count
100%
Burst <= 8100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com