Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 107 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 107 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 103Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 104Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 105Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 106Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 107Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 108Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 109Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 110Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 111Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
107
H5GQ2H24AFR
 5.14. AUTO PRECHARGE
Auto Precharge is a feature which performs the same individual bank precharge function as described 
above, but without requiring an explicit command. This is accomplished by using A8 (A8 = High), to 
enable Auto Precharge in conjunction with a specific READ or WRITE command. A precharge of the bank 
/ row that is addressed with the READ or WRITE command is automatically performed upon completion 
of the read or write burst. Auto Precharge is non persistent in that it is either enabled or disabled for each 
individual READ or WRITE command.
Auto Precharge ensures that a precharge is initiated at the earliest valid stage within a burst. The user 
must not issue another command to the same bank until the precharge time (tRP) is completed. This is 
determined as if an explicit PRECHARGE command was issued at the earliest possible time, as described 
for each burst type in the OPERATION section of this specification.
 5.15. REFRESH
The REFRESH command is used during normal operation of the GDDR5 SGRAM. The command is non 
persistent, so it must be issued each time a refresh is required. A minimum time tRFC is required between 
two REFRESH commands. The same rule applies to any access command after the refresh operation. All 
banks must be precharged prior to the REFRESH command.
The refresh addressing is generated by the internal refresh controller. This makes the address bits ʺDonʹt 
Careʺ during a REFRESH command. The GDDR5 SGRAM requires REFRESH cycles at an average peri‐
odic interval of tREFI(max). The values of tREFI for different densities are listed in Table 6. To allow for 
improved efficiency in scheduling and switching between tasks, some flexibility in the absolute refresh 
interval is provided. A maximum of eight REFRESH commands can be posted to the GDDR5 SGRAM, and 
the maximum absolute interval between any REFRESH command and the next REFRESH command is 9 * 
tREFI.
During REFRESH, and when bit A2 in MR5 is set to 0, WRTR, RDTR, and LDFF commands are allowed at 
time tREFTR after the REFRESH command, which enable (incremental) data training to occur in parallel 
with the internal refresh operation and thus without loss of performance on the interface. See READ Train‐
ing and WRITE Training for details.
As impedance updates from the auto‐calibration engine may occur with any REFRESH command, it is safe 
to only issue NOP commands during tKO period to prevent false command, address or data latching 
resulting from impedance updates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com