Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 140 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 140 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 136Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 137Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 138Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 139Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 140Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 141Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 142Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 143Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 144Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
140
H5GQ2H24AFR
PARAMETER a, b
SYMBOL
6.0Gbps
UNIT
NOTES
MIN
MAX
NOP/DESELECT commands required upon power-down and
self refresh entry
tCPDED
4
-
tCK
Power down exit time
tXPN
17
-
tCK
Miscellaneous Timings
MODE REGISTER SET command period
tMRD
4
-
ns
PLL enabled to PLL lock delay
tLK
5000
-
tCK
PLL standby time
tSTDBTY
TBD
-
us
ax
Required time for duty cycle corrector (DCC)
tDCC
1300
-
tCK
DVS voltage stabilization time
tVS
TBD
-
us
REFRESH to calibration update complete delay
tKO
-
40
ns
Active termination setup time
tATS
10
-
ns
Active termination hold time
tATH
10
-
ns
READ to data out delay in address training mode
tADR
0.5*tCK+0
0.5*tCK+
10
tCK
q
Address training exit to DQ in ODT state delay
tADZ
-
0.5*tCK+
10
ns
Vendor ID on
tWRIDON
-
11
ns
Venodr ID off
tWRIDOFF
-
11
ns
enable delay
tTSEN
10
-
us
Table 44. AC Timings (@1.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com