Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 69 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 69 Page - ams AG

Back Button AS7000 Datasheet HTML 65Page - ams AG AS7000 Datasheet HTML 66Page - ams AG AS7000 Datasheet HTML 67Page - ams AG AS7000 Datasheet HTML 68Page - ams AG AS7000 Datasheet HTML 69Page - ams AG AS7000 Datasheet HTML 70Page - ams AG AS7000 Datasheet HTML 71Page - ams AG AS7000 Datasheet HTML 72Page - ams AG AS7000 Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
ams Datasheet
Page 69
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Debug – SWD
Figure 87:
Program/Debug
Note(s):
1. Press debug button on power-up (VDD ON).
During power up of the AS7000 the device checks if the pin
SIGREF is shorted to GND (e.g. by a resistance of 10Ω) – see
Figure 87. If this condition is detected and the security bit is not
set, a monitor mode is entered.
In this monitor mode the AS7000 waits 5s where a debugger
can be connected. If the 10s expires without a debugger
connected, the AS7000 continues startup.
If a debugger is connected, the debugger can control AS7000
as required.
Note(s): If the security bit is set inside the EEPROM the
debugger is bypassed even if SIGREF is shorted to GND upon
startup.
AS7000
M0 CPU
+ RAM/
EEPROM
& Interfaces
GPIO 4
GPIO 3
GPIO 2
GPIO 1
GPIO 0
GPIO8
GPIO7
GPIO6
GPIO5
LDO
Ref
Optical barrier
AGND
SIGREF
VDD
V_LDO
GND
VDD
VD1
VD2
LED
Supply
VD4
VD3
LED
Supply
10kΩ
SWCLK
SWDIO
Serial
Wire
Debug
ON=0,off by software
10Ω
Press on
startup for
debug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com