Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 3 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 3 Page - ams AG

  AS7000 Datasheet HTML 1Page - ams AG AS7000 Datasheet HTML 2Page - ams AG AS7000 Datasheet HTML 3Page - ams AG AS7000 Datasheet HTML 4Page - ams AG AS7000 Datasheet HTML 5Page - ams AG AS7000 Datasheet HTML 6Page - ams AG AS7000 Datasheet HTML 7Page - ams AG AS7000 Datasheet HTML 8Page - ams AG AS7000 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
ams Datasheet
Page 3
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Pin Assignments
Figure 3:
Optical Module Pinout (Top View) – AS7000-AA
Figure 4:
Pin Description
Optical Module Pinout:
This drawing is not to scale
Pin Number
Pin Name
Description
1
VD2
Supply voltage for LED D2 – connect unused current sinks to GND
2
VD4
Supply voltage for LED D4 – connect unused current sinks to GND
3SIGREF
Analog reference output. Connect 2.2
μF capacitor to GND
(e.g. 0402 sized capacitor GRM153R60J225ME95 from Murata – needs to
have >1
μF specified for 1.0V voltage bias); do not load externally
The typical operating voltage on this pin is 0.6V (sigref_en=1)
4
AGND
Analog ground. Connect to low noise GND
5V_LDO
1.9V output voltage. Connect 2.2
μF capacitor to GND
(e.g. 0402 sized capacitor GRM153R60J225ME95 from Murata – needs to
have >1
μF with 1.0V voltage bias); do not load externally
6
GPIO6
General purpose input/output
7
GPIO7
General purpose input/output
8
GPIO8
General purpose input/output
9
VDD
Supply voltage.
10
GND
Power supply ground. All voltages are referenced to GND.
Pin Assignments
1 VD2
2 VD4
3 SIGREF
4 AGND
5 V_LDO
6 GPIO6
7 GPIO7
8 GPIO8
9 VDD
GND 10
GPIO0 11
GPIO1 12
GPIO2 13
GPIO3 14
GPIO4 15
GPIO5 16
VD1 17
VD3 18
Sensor
VD1
VD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com