Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 23 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 23 Page - ams AG

Back Button AS7000 Datasheet HTML 19Page - ams AG AS7000 Datasheet HTML 20Page - ams AG AS7000 Datasheet HTML 21Page - ams AG AS7000 Datasheet HTML 22Page - ams AG AS7000 Datasheet HTML 23Page - ams AG AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
ams Datasheet
Page 23
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Figure 21:
Settings for the Programming of the TIA
Note(s):
1. pd1234 … number of active photodiodes (for example, pd1=1, pd2=0, pd3=1, pd4=0 -> pd1234=2)
pd_ampres
pd12341
pd_ampcap
pd_ampcomp
pd_ampvo
Gain
1
1…4
13115
1V/μA
2
1…4
7
1
15
2V/μA
3
1…4
5
1
15
3V/μA
4
1…2
2
015
5V/μA
3…4
3
5
1…2
2
015
7V/μA
3…4
3
6
11
015
10V/μA
2…4
2
7
1…2
1
015
15V/μA
3…4
2
Low Bandwidth Mode
5
1…4
31315
7V/μA
Integrating Mode (pd_ampres=0)
0
1…4
10315
1V/pQ
0
1…4
20315
1/2V/pQ
0
1…4
30315
1/3V/pQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com