Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 12 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 12 Page - ams AG

Back Button AS7000 Datasheet HTML 8Page - ams AG AS7000 Datasheet HTML 9Page - ams AG AS7000 Datasheet HTML 10Page - ams AG AS7000 Datasheet HTML 11Page - ams AG AS7000 Datasheet HTML 12Page - ams AG AS7000 Datasheet HTML 13Page - ams AG AS7000 Datasheet HTML 14Page - ams AG AS7000 Datasheet HTML 15Page - ams AG AS7000 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
LED-Driver
The four LED-driver outputs can be controlled manually or by
the built in sequencer. See Optical Front End Operating Modes
Figure 10:
LED Drivers
Note(s):
1. Dual Green LED Configuration.
Figure 11:
Operating Characteristics of Each LED Current Sink, VDD=3V, TAMB=25°C (unless otherwise noted)
Note(s):
1. Not production tested. Only guaranteed by lab characterization.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ILED1/2/3/4
LED output current range
imax1/2/3/4 = 00
imax1/2/3/4 = 01
imax1/2/3/4 = 10
0
0
0
25
50
100
mA
mA
mA
Tolerance
25mA range
imax1/2/3/4 = 00
-5
5
%
50mA range
imax1/2/3/4 = 01
-10
10
100mA range (1)
imax1/2/3/4 = 10
-10
10
V_Dmin
Output voltage
compliance
Voltage compliance of current
sinks D1,D2,D3,D4
0.28
V
V_Dmax
Output voltage maximum
Pins VD1, VD2, VD3 and VD4
5
5.5
V
Sequencer
VD1
VD2
max.
compliance
Q
Q
SET
CLR
S
R
write ‘1’ to register
ledX_supply_low
ledX_supply
_low
imaxX (set currX range)
currX
ledX_en
man_mode
man_sw_ledX
ledX_mode
VD3
VD4
X=1
X=2
X=3
X=4
D1
D2
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com