Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 30 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 30 Page - ams AG

Back Button AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG AS7000 Datasheet HTML 31Page - ams AG AS7000 Datasheet HTML 32Page - ams AG AS7000 Datasheet HTML 33Page - ams AG AS7000 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
AFE_SEQ_PER Register (Addr: 0x2C)
The AFE_SEQ_PER register sets one measurement cycle of the
sequencer.
Figure 29:
AFE_SEQ_PER Register
AFE_SEQ_LED Register (Addr: 0x30)
The AFE_SEQ_LED register sets the LED drive timing. Data is
stored as 16-bit value
Figure 30:
AFE_SEQ_LED Register
AFE_SEQ_ITG Register (Addr: 0x34)
The AFE_SEQ_ITG register sets the photoamplifier integration
time if using capacitive feedback respectively removes the
short of the resistive feedback. Data is stored as 16-bit value
Figure 31:
AFE_SEQ_ITG Register
Addr: 0x2C
AFE_SEQ_PER
Bit
Bit Name
Default
Access
Description
15:0
seq_period
0x0000
R/W
Sequencer period
T = seq_period * seq_div * 1μs
Addr: 0x30
AFE_SEQ_LED
Bit
Bit Name
Default
Access
Description
31:16
seq_led_start
0x0000
R/W
LED start time; the LED starts one cycle later to allow the
analog biasing to settle before the current is enabled.
15:0
seq_led_stop
0x0000
R/W
LED stop time
Addr: 0x34
AFE_SEQ_ITG
Bit
Bit Name
Default
Access
Description
31:16
seq_itg_start
0x0001
R/W
Integrator start time
(start time=1 and stop time=0 means that it's - by default -
always ON) Turning OFF the integrator actually means
discharge the capacitor for capacitive integration mode,
without the synchronous demodulator.
15:0
seq_itg_stop
0x0000
R/W
Integrator stop time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com