Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 24 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 24 Page - ams AG

Back Button AS7000 Datasheet HTML 20Page - ams AG AS7000 Datasheet HTML 21Page - ams AG AS7000 Datasheet HTML 22Page - ams AG AS7000 Datasheet HTML 23Page - ams AG AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
AFE_PD_AMPCFG Register (Addr: 0x0c)
The AFE_PD_AMPCFG register is used to configure the
operating mode of the photo-amplifier
Figure 22:
AFE_PD_AMPCFG Register
For registers man_mode and man_sw_itg see AFE_MAN_SEQ_
CFG .
Addr: 0x0c
AFE_PD_AMPCFG
Bit
Bit Name
Default
Access
Description
31
pd_amp_en
0
R/W
0…Activates power down mode of photo-amplifier
1…Enables photo-amplifier
13:10
pd_amp_vo
15
R/W
Opamp offset. Use ams device drivers – these
automatically configure this register.
9:8
pd_
ampcomp
3R/W
Opamp compensation. Use ams device drivers – these
automatically configure this register.
7:5
pd_ampres
0x0
R/W
Feedback resistor
000…No resistor in feedback of amplifier
001…1MΩ
010…2MΩ
011…3MΩ
100…5MΩ
101…7MΩ
110…10MΩ
111…15MΩ
4:0
pd_ampcap
0x0
R/W
Feedback capacitor – automatically set by ams device
drivers for modes using pd_ampres not 000b.
Capacitor = pd_ampcap*0.1pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com