Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 43 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 43 Page - ams AG

Back Button AS7000 Datasheet HTML 39Page - ams AG AS7000 Datasheet HTML 40Page - ams AG AS7000 Datasheet HTML 41Page - ams AG AS7000 Datasheet HTML 42Page - ams AG AS7000 Datasheet HTML 43Page - ams AG AS7000 Datasheet HTML 44Page - ams AG AS7000 Datasheet HTML 45Page - ams AG AS7000 Datasheet HTML 46Page - ams AG AS7000 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
ams Datasheet
Page 43
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Sync Demodulator Example
LED1 and LED2 should be modulated with 2kHz
Demodulated signal should be sampled with 20Hz for 1 second.
Calculation of sequencer values:
1.
Modulation Frequency = 2kHz. Period = 500us.
2.
Set sequencer period to 250us.
-> seq_div=0, seq_period=500
3.
Operation of LEDs between 0us and 100us (depends on
LED and Amp-settings)
-> seq_led_start=1, seq_led_stop=100
4.
Operation of photo-amplifier and synchronous
demodulator multipl. by +1 between 50us and 100us
-> seq_sdp_start=50, seq_sdp_stop=100
5.
Operation of photo-amplifier and synchronous
demodulator multipl. by -1 between 300us and 350us
-> seq_sdm1_start=300, seq_sdm1_stop=350
6.
Sampling position at 495us + settling
-> seq_adc=490
7.
ADC should only sample at 20Hz (50ms). This means
sampling at every 50ms/500us = 100th sequencer run.
sd_subs=100
8.
ADC values should be stored for 1 second. This means
1s/50ms = 20 samples must be stored.
->seq_count=20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com