Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7000 Datasheet(PDF) 8 Page - ams AG

Part # AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Datasheet(HTML) 8 Page - ams AG

Back Button AS7000 Datasheet HTML 4Page - ams AG AS7000 Datasheet HTML 5Page - ams AG AS7000 Datasheet HTML 6Page - ams AG AS7000 Datasheet HTML 7Page - ams AG AS7000 Datasheet HTML 8Page - ams AG AS7000 Datasheet HTML 9Page - ams AG AS7000 Datasheet HTML 10Page - ams AG AS7000 Datasheet HTML 11Page - ams AG AS7000 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Electrical Characteristics
VIH
GPIO0-8 input high voltage
1.25
V
VIL
GPIO0-8 input low voltage
0.54
V
RPULLUP
Pullup Resistor to VDD
On GPIO0…8 if bit gpioX_
pd=1 where X=0…8
75
kΩ
RPULLDOWN
Pulldown Resistor to GND
On GPIO0…8 if bit gpioX_
pd=2 where X=0…8
75
kΩ
ILEAK1
GPIO0-8
−1
1
μA
ILEAK2
VD1-4 pins
At 5.0 V, TAMB=25ºC
2μA
E_f16M
Tolerance of internal 16MHz
oscillator
TAMB>0ºC
-2
+2
%
E_f3k2
Tolerance of internal 512Hz
oscillator
-35
+25
%
EEPROM
nCYCLES
Number of write cycles
100
cycles
tRETENTION
Data retention time
At maximum 65ºC
10
years
I²C Mode Timings (SCL / SDA Programmable to GPIO Pins – See I²C Mode)
fSCLK
SCL clock frequency
0
400
tBUF
Bus free time between a STOP and
START condition
1.3
kHz
tHD:STA
Hold time (repeated) START
condition(3)
0.6
μs
tLOW
LOW period of SCL clock
1.3
μs
tHIGH
HIGH period of SCL clock
0.6
μs
tSU:STA
Setup time for a repeated START
condition
0.6
μs
tHD:DAT
Data hold time (4)
00.9
μs
tSU:DAT
Data Setup Time (5)
100
ns
tR
Rise time of both SDA and SCL
signals
20
300
ns
tF
Fall time of both SDA and SCL
signals
20
300
ns
tSU:STO
Setup time for STOP condition
0.6
μs
CB
Capacitive load for each bus Line
CB — total capacitance of
one bus line in pF
400
pF
Symbol
Parameter
Conditions
Min Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com